Part Number Hot Search : 
2SK3568 Z5226B 167BZI B5819W GS816 C3216X7R NTE2389 20MR15
Product Description
Full Text Search
 

To Download ITGMC-111GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2-69 designed for rugged excellence 2-69 industrial media converter gigabit ethernet to fiber media converter v1.0 / mar, 2017 ITGMC-111GP+ industrial gigabit ethernet to fiber media converter with 1g/10gbase-t and 1x1g/10gbase-x, sfp+ socket ? support 1 port 1g/10gbase-t auto-negotiation and auto-mdi/mdi-x copper port ? support 1 port 1g/10gbase-x sfp+ fiber port ? support jumbo frame up to 10k bytes ? relay output to carry capacity of 1a at 24 vdc for warning system ? rigid ip-30 housing design ? din-rail and wall mounting enabled introduction the ITGMC-111GP+ is a cost-effective solution for the interface conversion between 1g/10gbase-t and 1g/10gbase-x sfp+ socket. it allows you to extend communication distance of gigabit copper port with optical fiber. ITGMC-111GP+ supports mdi/mdix auto detection, so you dont need to use crossover wires. the ITGMC-111GP+ is designed with wide operating temperature range from -20 ~ 60 o c and accepts a wide voltage range from dual 12~48 vdc power inputs, so it is suitable for harsh operating environments. therefore, the ITGMC-111GP+ is the reliable media converter and can satisfy most demand of operating environment. features dimensions (unit=mm) ITGMC-111GP+ industria l ethernet switch industria l device server industrial wireless access point industrial cellular vpn router industrial m2m gateway network m anagement softwar e accessorie s industria l media converte r
2 industrial media converter www.oring-networking.com 2-70 v1.0 / mar, 2017 industrial media converter gigabit ethernet to fiber media converter specifcations oring 10g media converter model ITGMC-111GP+ physical ports 1g/10gbase-t in rj45 auto mdi/mdix 1 1g/10gbase-x sfp+ port 1 *note1 technology ethernet standards ieee 802.3ae for 10gigabit ethernet ieee 802.3an for 10gbase-t ieee 802.3ab for 1000base-t ieee 802.3z for 1000base-x jumbo frame 10k led indicators power indicator green : power led x 2 1g/10gbase-x sfp+ port indicator green for port link/act 1g/10gbase-t rj45 port indicator green for link/act dual color led for speed C green for 10gbps, amber for 1gbps relay indicator amber led C on: relay activated(closed) / off: relay de-activated(opened) fault contact relay relay output to carry capacity of 1a at 24 vdc power input power dual 12 ~ 48 vdc voltage power inputs in 6-pin terminal block power consumption (typ.) 8.6w overload current protection present reverse polarity protection present physical characteristic enclosure ip-30 dimension (w x d x h) 40 (w) x 108 (d) x 154 (h) mm weight (g) 437g environmental storage temperature -40 to 85 o c (-40 to 185 o f) operating temperature -20 to 60 o c (-4 to 140 o f) operating humidity 5% to 95% non-condensing regulatory approvals emi fcc part 15, cispr (en55022) class a ems en61000-4-2 (esd), en61000-4-3 (rs), en61000-4-4 (eft), en61000-4-5 (surge), en61000-4-6 (cs), en61000-4-8, en61000-4-11 shock iec60068-2-27 free fall iec60068-2-32 vibration iec60068-2-6 mtbf(mean time between failures) time 944763.5677 hrs warranty 5 years *note1: 10gbase-t must use shielding twisted pair cable of cat6a or above.
2-71 designed for rugged excellence 2-71 industrial media converter gigabit ethernet to fiber media converter v1.0 / mar, 2017 itgmc-1 a b ccc available model model name description ITGMC-111GP+ industrial gigabit ethernet to fiber media converter with 1x1g/10gbase-t and 1x1g/10gbase-x, sfp+ socket packing list ? ITGMC-111GP+ x 1 ? wall-mount kit x 1 ? quick installation guide x 1 ? din-rail kit x 1 optional accessories (can be purchased separately) ? sfp1g series : 1gbps sfp optical transceiver ? sfp10g series : 10gbps sfp+ optical transceiver ? sfpc10g series : 10gbps sfp+ copper cable ? dr/sdr/drp series din-rail power supply ordering information code defnition 1g/10gbase-t port number 1g/10gbase-x fiber port number fiber port type option - 1 : 1 port - 1 : 1 port - gp+ : 1g/10gbase-x sfp+ industria l ethernet switch industria l device server industrial wireless access point industrial cellular vpn router industrial m2m gateway network m anagement softwar e accessorie s industria l media converte r


▲Up To Search▲   

 
Price & Availability of ITGMC-111GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X